Part Number Hot Search : 
08775 78L07 NDL0509S C3466 CH2805 78L07 PE45002 ON1952
Product Description
Full Text Search
 

To Download NASER47M50V4X55NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* * * * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING SUIT FOR HIGH TEMPERATURE REFLOW SOLDERING (UP TO 260C) 2,000 HOUR LOAD LIFE @ +85C) DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
NASE Series
CHARACTERISTICS
Rated Voltage Rating Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Miuntes @ 20C Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @ 85C All Case Sizes = 2,000 hours 6.3 ~ 50Vdc 0.1 ~ 1,000F -40 ~ +85C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) 3 ~ 4mm diameter & 6.3x5.5mm 6.3x8mm & 8~10mm diameter W.V. (Vdc) Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current Working Voltage (Vdc) 16 25 35 4x5.5 4x5.5 5x5.5 5x5.5 4x5.5 4x5.5 4x5.5 5x5.5
includes all homogeneous materials *See Part Number System for Details LOW ESR COMPONENT LIQUID ELECTROLYTE For Performance Data see www.LowESR.com 10 16 25 35 50 13 20 32 44 63 0.22 0.18 0.16 0.13 0.12 0.26 0.20 0.16 0.14 0.12 10 16 25 35 50 3 2 2 2 2 8 4 4 3 3 Within 25% of initial measured value Less than 200% of the specified maximum value Less than the specified maximum value 6.3 8.0 0.26 0.35 6.3 4 8
RoHS Compliant
STANDARD VALUES AND CASE SIZES (mm)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 Code R10 R22 R33 R47 1R0 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 6.3 4x5.5 10 5x5.5 50 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5
PART NUMBER SYSTEM
NASE 101 M 16V 6.3x5.5 N B F
RoHS Compliant Termination/Packaging Code Reflow Temperature Code Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F 10
Series
6.3x5.5 6.3x5.5
6.3x8 8x10.5 5x5.5 8x10.5 5x5.5 6.3x5.5 6.3x8 6.3x5.5 10x10.5 8x10.5 8x10.5 6.3x5.5 6.3x5.5 6.3x5.5 6.3x8 10x10.5 10x10.5 8x10.5 6.3x8 8x10.5 10x10.5 10x10.5 8x10.5 6.3x8 8x10.5 10x10.5 10x10.5 8x10.5 8x10.5 8x10.5 10x10.5 10x10.5 10x10.5 6.3x5.5 6.3x5.5
TERMINATION FINISH & PEAK REFLOW TEMPERATURE CODES PACKAGING OPTIONS CODES
Code N L Peak Reflow Temperature 260C 250C Code Finish & Reel Size B Sn-Bi Finish & 13" Reel LB Sn-Bi Finish & 15" Reel S 100% Sn Finish & 13" Reel LS 100% Sn Finish & 15" Reel
D
W
0.3mm max.
+
I
I
-
DIMENSIONS (mm) AND REEL QUANTITIES
L
P B PRECAUTIONS
A
Case Size D0.5 L max. A0.2 B0.2 I0.3 W P0.3 Qty/Reel 4x5.5 4.0 5.5 4.3 4.3 1.8 0.5~0.8 1.0 1,500 5x5.5 5.0 5.5 5.3 5.3 2.2 0.5~0.8 1.3 1,000 6.3x5.5 6.3 5.5 6.6 6.6 2.7 0.5~0.8 1.8 1,000 6.3X8 6.3 8.0 6.6 6.6 2.7 0.5~0.8 1.8 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.8~1.1 3.1 300 10x10.5 10.0 10.5 10.3 10.3 3.2 0.8~1.1 4.5 300 (R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
4
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
NIC Part Number NASE220M6.3V4X5.5NBF NASE470M6.3V5X5.5NBF NASE101M6.3V6.3X5.5NBF NASE331M6.3V6.3X8NBF NASE471M6.3V8X10.5LBF NASE102M6.3V10X10.5LBF NASE330M10V5X5.5NBF NASE101M10V6.3X5.5NBF NASE221M10V6.3X8NBF NASE331M10V8X10.5LBF NASE471M10V8X10.5LBF NASE471M10V10X10.5LBF NASE100M16V4X5.5NBF NASE220M16V4X5.5NBF NASE220M16V5X5.5NBF NASE330M16V5X5.5NBF NASE470M16V5X5.5NBF NASE470M16V6.3X5.5NBF NASE101M16V6.3X5.5NBF NASE221M16V8X10.5LBF NASE331M16V8X10.5LBF NASE331M16V10X10.5LBF NASE471M16V8X10.5LBF NASE471M16V10X10.5LBF NASE4R7M25V4X5.5NBF NASE100M25V4X5.5NBF NASE330M25V6.3X5.5NBF NASE470M25V6.3X5.5NBF NASE101M25V6.3X8NBF NASE221M25V8X10.5LBF NASE221M25V10X10.5LBF NASE331M25V10X10.5LBF NASE4R7M35V4X5.5NBF NASE100M35V5X5.5NBF NASE220M35V6.3X5.5NBF NASE330M35V6.3X5.5NBF NASE470M35V6.3X8NBF NASE101M35V8X10.5LBF NASE101M35V10X10.5LBF NASE221M35V10X10.5LBF NASER10M50V4X5.5NBF NASER22M50V4X5.5NBF NASER33M50V4X5.5NBF NASER47M50V4X5.5NBF NASE1R0M50V4X5.5NBF NASE2R2M50V4X5.5NBF NASE3R3M50V4X5.5NBF NASE4R7M50V4X5.5NBF NASE4R7M50V5X5.5NBF NASE100M50V5X5.5NBF NASE100M50V6.3X5.5NBF NASE220M50V6.3X5.5NBF NASE330M50V6.3X8NBF NASE330M50V8X10.5LBF NASE470M50V8X10.5LBF NASE470M50V10X10.5LBF NASE101M50V8X10.5LBF NASE101M50V10X10.5LBF Cap. (F) 22 47 100 330 470 1000 33 100 220 330 470 470 10 22 22 33 47 47 100 220 330 330 470 470 4.7 10 33 47 100 220 220 330 4.7 10 22 33 47 100 100 220 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 4.7 10 10 22 33 33 47 47 100 100 W.V. (Vdc) Dissipaton Factor (Tan ) 0.26 0.26 0.26 0.35 0.35 0.35 0.22 0.22 0.26 0.26 0.26 0.26 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.20 0.20 0.20 0.20 0.20 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.13 0.13 0.13 0.13 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 Max. Ripple Current (mA) +85C/120Hz 29 46 71 190 380 700 43 71 175 330 380 680 25 30 39 43 50 60 86 290 330 670 385 690 18 25 54 60 145 300 560 680 18 30 48 58 105 280 480 570 1.0 2.0 2.8 4.0 8.4 14 17 18 22 30 35 48 95 200 240 280 320 500 Load Life Hours @ +85C 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000
NASE Series
6.3
10
16
25
35
50
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
5
Surface Mount Aluminum Electrolytic Capacitors
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Frequency 0.1 ~ 1F 2.2~4.7 10~47 100~1000 50/60Hz 0.5 0.65 0.80 0.80 120Hz 1.00 1.00 1.00 1.00 500Hz 1.20 1.20 1.20 1.10 1KHz 1.30 1.30 1.30 1.15 10KHz 1.50 1.50 1.50 1.20
NASE Series
Temperature - Deg. C
PEAK REFLOW TEMPERATURE AND DURATION
Diameter 4 ~ 6.3mm 8 ~ 10mm Time above 217C 60 sec. max. 60 sec. max. Peak Temperature 5 seconds 260C 250C
230 200 150 100 50
Time (Seconds)
Preheat - 120 seconds max. (150C ~ 180C)
Peak Temperature (see table)
Time Above 217C (see table)
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Case Size 4x5.5 5x5.5 6x3x5.5 6.3x8 8x10.5 10x10.5 a 1.0 1.4 2.1 3.0 4.5 b 2.6 3.0 3.5 4.1 4.3 c 1.6 1.6 1.6 2.2 2.2 a c b
(R)
6
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NASER47M50V4X55NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X